Part Number Hot Search : 
SF16G B12N03 CPDU5V0 2SC2389S AN4110 F1020 IRG4BC15 P2A222
Product Description
Full Text Search
 

To Download SSF1020D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSF1020D 100v n-channel mosfet www.goodark.com page 1 of 7 rev.2.2 main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 60 i d @ tc = 100c continuous drain current, v gs @ 10v 50 i dm pulsed drain current 240 a power dissipation 143 w p d @tc = 25c linear derating factor 2.0 w/c v ds drain-source voltage 100 v v gs gate-to-source voltage 20 v e as single pulse avalanche energy @ l=0.3mh 240 mj i as avalanche current @ l=0.3mh 39 a t j t stg operating junction and storage temperature range -55 to + 175 c v dss 100v r ds (on) 16m(typ.) i d 60a dpak marking and pin assignment schematic diagram ? advanced trench mosfet process technology ? special designed for pwm, load switching and general purpose applications ? ultra low on-resistance with low gate charge ? fast switching and reverse body recovery ? 175 operating temperature ? lead free product it utilizes the latest trench processing techniques to achieve the high cell density and reduces the on-resistance with high repetitive avalanche rating. these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications.
SSF1020D 100v n-channel mosfet www.goodark.com page 2 of 7 rev.2.2 thermal resistance symbol characteristics typ. max. units r jc junction-to-case 1.05 /w r ja junction-to-ambient 62 /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 v v gs = 0v, id = 250a r ds(on) static drain-to-source on-resistance 16 20 m v gs =10v,i d = 30a 2.0 3.0 4.0 v ds = v gs , i d = 250a v gs(th) gate threshold voltage 2.0 v t j = 125 1 v ds = 100v,v gs = 0v i dss drain-to-source leakage current 10 a t j = 150c 100 v gs =20v i gss gate-to-source forward leakage -100 na v gs = -20v q g total gate charge 90 q gs gate-to-source charge 14 q gd gate-to-drain("miller") charge 24 nc i d = 30a, v ds =30v, v gs = 10v t d(on) turn-on delay time 18.2 t r rise time 15.6 t d(off) turn-off delay time 70.5 t f fall time 13.8 ns v gs =10v, vds=30v, r l =15, r gen =2.5 c iss input capacitance 3150 c oss output capacitance 300 c rss reverse transfer capacitance 240 pf v gs = 0v v ds = 25v ? = 1mhz source-drain ratings and characteristics symbol parameter min. typ. max. units conditions i s continuous source current (body diode) 60 a i sm pulsed source current (body diode) 240 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 1.3 v i s =30a, v gs =0v t rr reverse recovery time 57 ns q rr reverse recovery charge 107 nc t j = 25c, i f =60a, di/dt = 100a/s
SSF1020D 100v n-channel mosfet www.goodark.com page 3 of 7 rev.2.2 test circuits and waveforms switch waveforms: notes : the maximum current rating is limited by bond-wires. repetitive rating; pulse width limited by ma x. junction temperature. the power dissipation pd is based on max. junction temperature, using junction-to-case thermal resistance. the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with ta =25c these curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =175c. the maximum current rating is limited by bond-wires.
SSF1020D 100v n-channel mosfet www.goodark.com page 4 of 7 rev.2.2 typical electrical and thermal characteristics figure 1, transfer characteristic figure 2, capacitance figure 3, on resistance vs. junction temperature figure 4, breakdown voltage vs. junction temperature
SSF1020D 100v n-channel mosfet www.goodark.com page 5 of 7 rev.2.2 figure 7. safe operation area figure 8. max drain current vs. junction temperature figure 9. transient thermal impedance curve figure 5, gate charge figure 6, source-drain diode forward voltage
SSF1020D 100v n-channel mosfet www.goodark.com page 6 of 7 rev.2.2 mechanical data min nom max min nom max a 2.200 2.300 2.380 0.087 0.091 0.094 a1 0.910 1.010 1.110 0.036 0.040 0.044 b 0.710 0.760 0.810 0.028 0.030 0.032 b1 5.130 5.330 5.460 0.202 0.210 0.215 c 0.460 0.510 0.560 0.018 0.020 0.022 d 6.000 6.100 6.200 0.236 0.240 0.244 d1 d2 e 6.500 6.600 6.700 0.256 0.260 0.264 e1 e 2.186 2.286 2.386 0.086 0.090 0.094 h 9.800 10.100 10.400 0.386 0.398 0.409 f 1.400 1.500 1.700 0.055 0.059 0.067 k v2 5.350 (ref) 2.900 (ref) 1.600 (ref) 8 0 (ref) 8 0 (ref) 0.063 (ref) 0.211 (ref) 0.114 (ref) symbol dimension in millimeters dimension in inches 4.83 (ref) 0.190 (ref) dpak package outline dimension
SSF1020D 100v n-channel mosfet www.goodark.com page 7 of 7 rev.2.2 ordering and marking information device marking: SSF1020D package (available) dpak operating temperature range c : -55 to 175 oc devices per unit option1 package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to-252 80 50 4000 10 40000 option2 package type units/ tape tapes/inner box units/inner box inner boxes/carton box units/carton box to-252 2500 2 5000 7 35000 option3 package type units/ tape tapes/inner box units/inner box inner boxes/carton box units/carton box to-252 2500 1 2500 10 25000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =150 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices


▲Up To Search▲   

 
Price & Availability of SSF1020D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X